PART |
Description |
Maker |
APA150-FPQ208X79 APA075-FPQ208X79 APA150-PQ208IX79 |
FPGA, 150000 GATES, 180 MHz, PQFP208 0.50 MM PITCH, PLASTIC, QFP-208 FPGA, 75000 GATES, 180 MHz, PQFP208 0.50 MM PITCH, PLASTIC, QFP-208 FPGA, 1000000 GATES, 180 MHz, PQFP208 0.50 MM PITCH, PLASTIC, QFP-208 FPGA, 300000 GATES, 180 MHz, PQFP208 0.50 MM PITCH, PLASTIC, QFP-208 FPGA, 450000 GATES, 180 MHz, PQFP208 0.50 MM PITCH, PLASTIC, QFP-208 FPGA, PBGA456 FPGA, 600000 GATES, 180 MHz, PBGA456 FPGA, 300000 GATES, 180 MHz, CQFP352
|
Vicor, Corp. NXP Semiconductors N.V.
|
AGR19180EF |
180 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
|
TriQuint Semiconductor
|
H-81-4TNC H-81-4 H-81-4BNC H-81-4N H-81-4SMA H814 |
180 Two-Way Power Divider 5 - 1000 MHz 180Two-Way Power Divider 51000 MHz 180 Two-Way Power Divider 5 - 1000 MHz 180双向功分5 - 1000兆赫
|
MACOM[Tyco Electronics] Amphenol, Corp.
|
HYB-5427-T3-SMA-79 HYB-5427-T3-TNC-79 HYB-5427-T3- |
1000 MHz - 12400 MHz RF/MICROWAVE 180 DEGREE HYBRID COUPLER, 2.5 dB INSERTION LOSS-MAX
|
Infineon Technologies AG
|
CPL-16040-B11-2T CPL-16040-B11-3T CPL-16040-B12-2T |
140 MHz - 180 MHz RF/MICROWAVE LIMITER 110 MHz - 130 MHz RF/MICROWAVE LIMITER 150 MHz - 170 MHz RF/MICROWAVE LIMITER 18.9 MHz - 23.9 MHz RF/MICROWAVE LIMITER 50 MHz - 70 MHz RF/MICROWAVE LIMITER
|
Pascall Electronics, Ltd. PASCALL ELECTRONICS LTD
|
STM32F429NI STM32F429NIH6 STM32F429NEH6 STM32F429N |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerateur, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, TFT
|
ST Microelectronics
|
JSPHS-26 |
50Ohm 180° Voltage Variable 18 to 26 MHz 50Ohm 180∑ Voltage Variable 18 to 26 MHz
|
Mini-Circuits
|
HH-107SMA HH-107BNC HH-106 HH-106PIN |
180 HYBRID JUNCTIONS 2 - 200 MHZ
|
MACOM[Tyco Electronics]
|
AD9851BRSZRL AD9851BRSRL AD9851BRSZ |
180 MHz Complete DDS synthesizer
|
Analog Devices
|
JSPHS-1000 |
180?Voltage Variable, 700 to 1000 MHz 180∑ Voltage Variable, 700 to 1000 MHz 180 Voltage Variable 700 to 1000 MHz
|
N.A. ETC[ETC] Mini-Circuits
|
LCK4950 |
180 MHz, PROC SPECIFIC CLOCK GENERATOR, PQFP32
|
LSI CORP
|
PEG-3E-500B PEP-3R-10B PEG-3E-25B PEP-3R-70 PEP-3R |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 4A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 10 to 500 MHz / Continuous 0° to 180° Adjustment / Voltage Controlled / Low Insertion Loss PHASE SHIFTERS
|
Merrimac Industries, Inc.
|
|